Part Number Hot Search : 
AD812 BZY97C10 WM5620L UZ5211 AD812 BD4148SE IXTA1 E1A22
Product Description
Full Text Search
 

To Download LM339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 QUAD VOLTAGE COMPARATOR
FEATURES
Wide single supply voltage range 2.0VDC TO 36VDC or dural supplies 1.0VDC to 18VDC Very low supply current drain (0.8) independent of supply voltage (1.0/comparator at 5.0VDC) Low input biasing current 25 Low input offset current 5 and offset voltage Input common-mode voltage range includes ground Differential input voltage range equal to the power supply voltage Low output 250 at 4 saturation voltage Output voltage compatible with TTL, DTL, ECL, MOS and CMOS logic system
SOP14/ DIP14 PKG
OUT2 OUT1 Vcc
1 2 3 14 13 12
LM339
OUT3 OUT4 GND IN4 (+) IN4 (-) IN3 (+) IN3 (-)
1 IN1 (-) 4
5 IN1 () IN2 (-) 6
4
11 10
2
3
9 8
APPLICATION
A/D Converters Wide range VOC MOS clock generator Hihg voltage logic gate Multivibrators
IN2
7
ORDERING INFORMATION
Device LM339D LM339N Package SOP 14 DIP 14
DESCRIPTION
The LM339 consists of four independent precision voltage comparators, with an offset voltage specification as low as 20 max for each comparator, which were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage. These comparators also have a unique characteristic in that the input common-mode voltage range includes ground, even though they are operated from a single power supply voltage. The LM339 series was designed to directly interface with TTL and CMOS. When operated from both plus and minus power supplies, the LM339 series will directly interface with MOS logic where their low power drain is a distinct advantage over standard comparators.
EQUIPMENT CIRCUIT
V+
3.5
100
3.5
100
Q2 Q1 +INPUT -INPUT Q5
Q3 Q4 OUTPUT Q8 Q7 Q6
(one comparator only)
HTC
160
QUAD VOLTAGE COMPARATOR
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTIC Supply Voltage Differential Input Voltage Input Voltage Output Short Circuit to GND Power Dissipation Operating Temperature Storage Temperature PD TOPR TSTG SYMBOL VCC VI(DIFF) VI VALUE 18 or 36 36 -0.3 to +36 Continuous 570 0~+70 -65 to +150
LM339
UNIT V V V
Electrical characterisitics at specified free-air temperature, V
PARAMETER VIO Input Offset Voltage IIO Input Offset Current IIB Input Bias Current VICR Common-Mode Input Voltage Range** AVD Large-Signal Differential Voltage Amplification IOH High-Level Output Current VOL Low-Level Output Voltage IOL Low-Level Output Current ICC Supply Current input voltage unless otherwise specified. VCC=5V to 30V VIC=VICR MIN, VO=1.4V VO=1.4V VO=1.4V TEST CONDITION*
CC =5V(unless
otherwise noted)
LM339 TYP 2 MAX 5 9 5 -25 50 150 -250 -400 UNIT
MIN 25 Full Range 25 Full Range 25 Full Range 25 Full Range
V
0toVCC-1.5 0toVCC-2
VCC=15V, VO=1.4V to 11.4V, RL 15 to VCC VOH=5V, VID=1V VOH=30V, VID=1V IOL=4, VID=-1V VOL=1.5V, V ID=-1V RL= VCC=5V VCC=30V
25 25 Full Range 25 Full Range 25 25 Full Range
50
200 0.1 150 50 1 400 700
V/
6 0.8 2 2.5
* Full range (MIN to MAX), for LM339 is 0 to 70. All characteristics are measured with zero common-mode ** The voltage at either input or common-mode should not be allowed to go negative by more than 0.3V. The upper end of the common-mode voltage range is V CC -1.5V, but either or both inputs can go to 30V without damage.
Switching characteristics, V
PARAMETER
CC =5V,
T A=25
TEST CONDITIONS LM339 MIN TYP 1.3 0.3 MAX UNIT
RL Connected to 5V Response Time Through 5.1, CL =15*(See Note 1)
100- Input Step with 5- Overdrive TTL-Level Input Step
* CL includes probe and jig capacitance. Note 1 : The response time specified is the interval between the input step function and the instant when the output crosses 1.4V.
HTC
161
QUAD VOLTAGE COMPARATOR
TYPICAL PERFORMANCE CHARACTERISTICS
LM339
SUPPLY CURRENT 1.0 0.8 I -SUPPLY CURRENT 80
INPUT CURRENT 10 VIN(CM)=0VDC RIN(CM)=10 IN-INPUT CURRENT( DC) V0-SATURATION VOLTAGE(V DC) 60 TA=-55 40 TA=0 1.0
OUTPUT SATURATION VOLTAGE
TA=-55 TA=0
OUT OF SATURATION
0.6
TA=+25 TA=+70 TA=+125
TA=+125 0.1 TA=-55
0.4
0.2 RL= 0 0 10
+
+
20 TA=+125 0
TA=+25 TA=+70
0.01 TA=+25 0.001 0.01 0.1 1.0 10 100
20
30
40
0
10
+
20
30
40
V -SUPPLY VOLTAGE-V DC
V -SUPPLY VOLTAGE-V DC
IO-OUTPUT SINK CURRENT()
RESPONSE TIME FOR VARIOUS INPUT OVERDRIVESNEGATIVE TRANSITION
RESPONSE TIME FOR VARIOUS INPUT OVERDRIVESPOSITIVE TRANSITION
OUTPUTVOLTAGE V0-V
OUTPUTVOLTAGE V0-V
6 5 4 3 2 1 0 0 -50 -100 OVERDRIVE TA=25 VIN + 5.1K VOUT 5=INPUT OVERDRIVE +5V 20
6 5 4 3 2 1 0 100 50 0 OVERDRIVE 0 0.5 1.0 TIME- 1.5 2.0 TA=25 VIN + 20 5 +5V 5.1K VOUT INPUT OVERDRIVE=100
INPUT VOLTAGE VIN-
0
0.5
1.0 TIME-
1.5
2.0
INPUT VOLTAGE VIN-
HTC
162
QUAD VOLTAGE COMPARATOR
TYPICAL APPLICATIONS
V+ 100 +vc FREQUENCY CONTROL VOLTAGE INPUT 500 10 1/4LM339 + 0.1 V+/2 20 50 1/4LM339 + V+/2 OUTPUT2 20 +VREF LOW 100 3.0 5.1 + 0.01 1/4LM339 +VIN ~ 2Rs + OUTPUT1 Rs V+ 3.0 2Rs +VREF HI + 10
LM339
V+(12V ) DC
LAMP
2N2222 -
V+=+30V CC +25DCVC+50V DC 700Hzf 100kHz O
TWO-DECADE HIGH-FREQUENCY VCO
+5VDC
LIMIT COMPARATOR
360
+VREF4
+ 100K
-5VDC
100 + +5VDC +VREF 360
(-1.4VDC)
V0
0
1/4LM339 10
-12V
-12VDC + 100K 100 V0 +5VDC 360 V+
+VREF3
TTL-to-MOS LOGIC CONVERTER
+VREF2
200 + 100K 100 0.1 +5VDC 360 200 CRYSTAL f=100 + V0 V+
0
100
2.0
+VREF1
+ 100K 100
VISIBLE VOLTAGE INDICATOR
CRYSTAL-CONTROLLED OSCILLATOR
HTC
163


▲Up To Search▲   

 
Price & Availability of LM339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X